PART |
Description |
Maker |
MBR10150CT |
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
|
Kersemi Electronic Co., Ltd. Kersemi Electronic Co.,...
|
MBR10150CT MBR10150CT08 |
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
|
Micro Commercial Components
|
ISL21009BMB841EP ISL21009CMB850EP ISL21009BMB850EP |
High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R THREE TERM VOLTAGE REFERENCE, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References
|
Intersil, Corp. Intersil Corporation
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADR3420 ADR3420ARJZ-R2 ADR3420ARJZ-R7 ADR3425 ADR3 |
Micro-Power, High-Accuracy Voltage References, 6-Lead SOT23, Ind Temp -40°C – 125 °C THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, Ind. Temp -40°C to 125°C, High-Accuracy Voltage References, 6-Lead SOT-23 THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, High-Accuracy Voltage References, Ind Temp -40°C – 125 °C, Package: 6 Pin, SOT23-6 THREE TERM VOLTAGE REFERENCE, PDSO6 Micropower, High Accuracy Voltage References
|
Analog Devices, Inc.
|
EHA1-2400A/883B EHA1-2400A-2 |
Voltage-Feedback Operational Amplifier Octal Voltage Level Shifter for TFT/LCD Panels; High Voltage TFT-LCD Logic Driver; Temperature Range: -40°C to 85°C; Package: 20-TSSOP 电压反馈运算放大
|
Everlight Electronics Co., Ltd.
|
JHV2180 JHV21 JHV2112 JHV2116 JHV2120 JHV2124 JHV2 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 22; IFSM (A): 250; Vrwm (V): 24000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 22; IFSM (A): 250; Vrwm (V): 64000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 22; IFSM (A): 250; Vrwm (V): 52000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 22; IFSM (A): 250; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 22; IFSM (A): 250; Vrwm (V): 76000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 22; IFSM (A): 250; Vrwm (V): 68000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
TX2-12V-1 |
Electromechanical Relay: 2 AMP: HIGH CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Panasonic
|
JHV3780 JHV37 JHV3712 JHV3716 JHV3720 JHV3724 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 60000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
JHV3480 JHV34 JHV3412 JHV3416 JHV3420 JHV3424 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 46; IFSM (A): 800; Vrwm (V): 8000; IR (µA): 6000; 12 A, SILICON, RECTIFIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|